Part Number Hot Search : 
00BGI 1214282 13100 MTP610U CDH04 A102E M4003 NC7SPU04
Product Description
Full Text Search
 

To Download 2SD1940 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1940
DESCRIPTION *With TO-220F package *Wide area of safe operation APPLICATIONS *85V/6A, AF 25 to 30W output applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS MAX 100 85 6 6 10 25 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=5mA ;RBE= IC=5mA ;IE=0 IE=5mA ;IC=0 IC=4A ;IB=0.4A IC=1A;VCE=5V VCB=40V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=5V IC=3A ; VCE=5V IC=1A ; VCE=5V f=1MHz;VCB=10V 60 20 15 110 MIN 85 100 6 TYP.
2SD1940
MAX
UNIT V V V
2.0 1.5 0.1 0.1 320
V V mA mA
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=0.5A; IB1=-IB2=50mA VCC=20V ,RL=40 0.28 3.60 0.50 s s s
hFE-1 Classifications D 60-120 E 100-200 F 160-320
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1940
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1940
4


▲Up To Search▲   

 
Price & Availability of 2SD1940

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X